Part Number Hot Search : 
2SC4809J DA156 14MG02 324001 EL4583CS N0930A HK1608 8051F342
Product Description
Full Text Search
 

To Download RTAP5110B10SDM25S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lC dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com l rotary c&k rta series 1C poles coded rotary switches features/benefits ? pcb or hand soldering versions ? bushing mounting ? multiple poles ? decimal and hexadecimal codes ? screwdriver slot or extended actuator ? rohs compliant lead free t ypical applications ? appliances ? electronic alarm systems ? medical ? building automation ? hvac air conditioning electrical data silver gold switching mode: bbm bbm max. switching power 5 va 0.5 va max. switching current: 150 ma 20 ma max. carrying current: 5 a 1 a nominal voltage at 50 hz 60 v 25 v contact resistance: < 150 m < 150 m dielectric strength at 50 hz between contacts and ground terminals: 500 v r 500 v r insulation resistance between contacts or contacts and frame (500 v =): 10 9 10 9 no. of opera tions: 10,000 10,000 bounce: < 5 ms < 5 ms envir onmental data operating temperature: C0?oto + 70? C0?oto + 70? storage tempera ture: C0?oto + 85? C0?oto + 85? note: specifications and materials listed above ar e for switches with standard options. for information on specific and custom switches, consult customer service center. mechanical data max. no. of banks: 1. operating torque: 5 ncm20%. end stop torque: < 60 ncm. stop: with/without or adjustable mounting: by fixed index 9.5 mm (0.374) of center , for bush- ing mount only materials housing: petp thermoplastic stationary contacts & terminals: nickel alloy, gold or silver plated. rotor: printed circuit, gold or silver plated. coding pla te: p a thermoplastic actuator: polysulfon thermoplastic bushing: w asher: pa. nut: brass. hardware: stop pin: aluminum. ball & spring: stainless steel. build-a-switch t o or der , simply select desir ed option fr om each category and place in the appr opriate box. a vailable options are shown and described on pages l-9 thru l-11. for additional options not shown in catalog, consult customer service center. designation rtap with pc thru-hole r t ac with solder lugs indexing 22.5 22.5 index (coded only) 30 30 index (12 positions max.) 36 36 index (10 positions max.) switch function 112s sp, 30 index, 12 pos. no stop 110s sp, 36 index, 10 pos. no stop 103b03 sp, 30 /36 index, 3 pos. 106b06 sp, 30 /36 index, 6 pos. 109b09 sp , 30 /36 index, 9 pos. 110b10 sp, 30 /36 index, 10 pos. 111b11 sp , 30 index, 11 pos. 112b12 sp , 30 index, 12 pos. 205s dp, 36 index, 5 pos. no stop 206s dp, 30 index, 6 pos. no stop 202b02 dp, 30 /36 index, 2 pos. 204b04 dp, 30 /36 index, 4 pos. 205b05 dp, 30 /36 index, 5 pos. 206b06 dp , 30 index, 6 pos. 303b03 3p, 30 /36 index, 3 pos. 402b02 4p , 30 /36 index, 2 pos. bcs direct + complement, 30 /36 index, no stop bs direct, 22.5 index, no stop bcb direct + complement, with stop (indicate position) bb direct, 22.5 index, with stop (indicate position) contact material s silver plated g gold plated actuator (max.) 25 .984 (25,0) 50 1.97 (50,0) f screwdriver slot m25 flat shaft, .984 (25,0) mounting style sd without bushing ad with bushing note: for the latest information regarding rohs compliance, please go to: www.ittcannon.com/rohs.
lC dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com l rotary c&k rta series 1-4 poles coded rotary switches designation indexing rtac with solder lugs rtap with pc pins 36 36 index, 10 positions max. both commons must be connected by user to gr ound. 30 30 index, 12 positions max. 22.5 22.5 index, 16 positions max. 36 sp 10 positions no stop rtap36110ssd25s 30 sp 12 positions no stop rtap30112ssd25s 22.5 binary rtap22.5bssd25s index function p art number 36 sp 10 positions no stop rtac36110sad25s 30 sp 12 positions no stop rtac30112sad25s 22.5 binary rtac22.5bsad25s index function p art number
lC0 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com l rotary c&k rta series 1-4 poles coded rotary switches switch function l rotary bcd on ly 1 pole 2 poles 3 poles 4 poles bcd + complements 1 pole 2 poles 3 poles 4 poles bcd + complements 3p models schematic pos . 1 1 2 1 3 1 1 2 2 2 3 2 1 3 2 3 3 3 c 1 c 2 c 3 4p models schematic pos . 1 1 2 1 1 2 2 2 1 3 2 3 1 4 2 4 c 1 c 2 c 3 c 4 dp models schematic pos . 1 1 2 1 3 1 4 1 5 1 6 1 1 2 2 2 3 2 4 2 5 2 6 2 c 1 c 2 sp mo dels schematic c 0 pos . 30o 12 positions 112b12 30o 11 positions 111b11 30o36 10 positions 110b10 30o36 9 positions 109b09 30o36 6 positions 106b06 30o36 3 positions 103b03 36o 10 positions no stop 110s 30o 12 positions no stop 112s sp index switch function model no. no. poles ???? 8 ic ? ? ? ?? 4 b a ? ? ? ? ? ? ? 2 k h ???? 1 c k ???? 8 bjj ?? ??? 4 a,n a i ? ? ? ? 2 d,k db ??? ? 1 f, i h d ????????? c e,j m,n l,n 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 pos. 22.5o 30o 36o term. term. term. 30 indexing angle pcb layout 22.5 indexing angle pcb layout 36 indexing angle pcb layout note: layout view from component side. common terminals that ar e in locations a-g are not connected to common termi- nals that are in locations h-n. for 7-12 position output customer must tie these commons together . 30o36 2 positions 402b02 30o36 3 positions 303b03 30o 6 positions 206b06 30o36 5 positions 205b05 30o36 4 positions 204b04 30o36 2 positions 202b02 30o 6 positions no stop 206s 30o36 5 positions no stop 205s index switch function model no. no. poles dp 3p 4p
lC1 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com l rotary c&k rta series 1-4 poles coded rotary switches l rotary m10 me tric panel mounting actuator mounting style contact material ad with bushing sd without bushing m25 flat shaft f screwdriver slot 50 0,50 mm (1.97) 25 0,25 mm (.984) * note: see technical data section of this catalog for rohs compliant and compatible definition and specifications. co n t ac t an d option co d e te rmin al mater ial ra ti n g s sw it ch : 150 ma m ax im um , 60 v no m in al. low leve l/ d ry cir cu it or po we r g si l ver low leve l/ d ry cir cu it rohs co m pl ian t* rohs co m patib l e* ye s ye s ye s ye s go ld po we r: 5 va m ax i mu m. ca r ry - 5 a m ps m ax imu m. sw it ch : 20 ma m ax im um , 25 v no m in al. po we r: 0.5 va m ax i mu m. ca r ry : 1 a m p m ax imu m.


▲Up To Search▲   

 
Price & Availability of RTAP5110B10SDM25S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X